Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD780 Fiches technique(PDF) 11 Page - NEC

No de pièce PD780
Description  HIGH·PERFORMANCE CP/M® ·COMPATIBLE NMOS 8·BIT MICROPROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

PD780 Fiches technique(HTML) 11 Page - NEC

Back Button PD780 Datasheet HTML 7Page - NEC PD780 Datasheet HTML 8Page - NEC PD780 Datasheet HTML 9Page - NEC PD780 Datasheet HTML 10Page - NEC PD780 Datasheet HTML 11Page - NEC PD780 Datasheet HTML 12Page - NEC PD780 Datasheet HTML 13Page - NEC PD780 Datasheet HTML 14Page - NEC PD780 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
fttfEC
Instruction Set
The instruction set of the IlPD780 consists of 158
types of instructions divided into 16 categories as
follows:
8-bit load operations
register exchanges
memory block searches
16-bit arithmetic operations
rotate and shift operations
jump operations
restart operations
miscellaneous operations
16-bit load operations
memory block transfers
8-bit arithmetic and
logic operations
bit set, reset, and test
operations
1/0 operations
call operations
return operations
general-purpose
accumulator and flag
operations
This comprehensive instruction set is made more
powerful by the array of addressing modes im­
plemented by the architecture, as follows:
bit addressing
register-indirect addressing
immediate addressing
extended addressing
implied addressing
register addressing
relative addressing
immediate-extended
addressing
indexed addressing
modified page zero
addressing
J.(PD780
Instruction Set Symbol Definitions
Symbol
Description
•
Flag not affected
o
Flag set
x
Flag
Flag affected according to result of operation
v
Overflow set
P
Parity set
IFF
I
nterrupt flip-flop set
C
CarrylLink
z
Zero
P/V
ParityIOverflow
S
Sign
N
Add/Subtract
H
Half Carry
4-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24