Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F030x6 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STM32F030x6
Description  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030x6 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STM32F030x6 Datasheet HTML 31Page - STMicroelectronics STM32F030x6 Datasheet HTML 32Page - STMicroelectronics STM32F030x6 Datasheet HTML 33Page - STMicroelectronics STM32F030x6 Datasheet HTML 34Page - STMicroelectronics STM32F030x6 Datasheet HTML 35Page - STMicroelectronics STM32F030x6 Datasheet HTML 36Page - STMicroelectronics STM32F030x6 Datasheet HTML 37Page - STMicroelectronics STM32F030x6 Datasheet HTML 38Page - STMicroelectronics STM32F030x6 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 93 page
background image
PA12
EVENTOUT
USART1_RTS
TIM1_ETR
-
-
SDA
-
PA13
SWDIO
IR_OUT
-
-
-
-
-
PA14
SWCLK
USART1_TX(2)
--
-
-
-
USART2_TX(1)(3)
PA15
SPI1_NSS
USART1_RX(2)
-
EVENTOUT
USART4_RTS(1)
--
USART2_RX(1)(3)
1. This feature is available on STM32F030xC devices.
2. This feature is available on STM32F030x4 and STM32F030x6 devices.
3. This feature is available on STM32F030x8 devices.
Table 13. Alternate functions selected through GPIOB_AFR registers for port B
Pin name
AF0
AF1
AF2
AF3
AF4
AF5
PB0
EVENTOUT
TIM3_CH3
TIM1_CH2N
-
USART3_CK(1)
-
PB1
TIM14_CH1
TIM3_CH4
TIM1_CH3N
-
USART3_RTS(1)
-
PB2
-
--
--
-
PB3
SPI1_SCK
EVENTOUT
-
-
USART5_TX(1)
-
PB4
SPI1_MISO
TIM3_CH1
EVENTOUT
-
USART5_RX(1)
TIM17_BKIN(1)
PB5
SPI1_MOSI
TIM3_CH2
TIM16_BKIN
I2C1_SMBA
USART5_CK_RTS(1)
-
PB6
USART1_TX
I2C1_SCL
TIM16_CH1N
-
-
-
PB7
USART1_RX
I2C1_SDA
TIM17_CH1N
-
USART4_CTS(1)
-
Table 12. Alternate functions selected through GPIOA_AFR registers for port A (continued)
Pin name
AF0
AF1
AF2
AF3
AF4
AF5
AF6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93