| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F030x6 Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F030x6 Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 93 page ![]() DS9773 Rev 4 31/93 STM32F030x4/x6/x8/xC Pinouts and pin descriptions 33 34 26 - - PB13 I/O FT - SPI1_SCK(2), SPI2_SCK(3)(5), I2C2_SCL(5), TIM1_CH1N, USART3_CTS(5) - 35 27 - - PB14 I/O FT - SPI1_MISO(2), SPI2_MISO(3)(5), I2C2_SDA(5), TIM1_CH2N, TIM15_CH1(3)(5), USART3_RTS(5) - 36 28 - - PB15 I/O FT - SPI1_MOSI(2), SPI2_MOSI(3)(5), TIM1_CH3N, TIM15_CH1N(3)(5), TIM15_CH2(3)(5) RTC_REFIN, WKUP7(5) 37 - - - PC6 I/O FT - TIM3_CH1 - 38 - - - PC7 I/O FT - TIM3_CH2 - 39 - - - PC8 I/O FT - TIM3_CH3 - 40 - - - PC9 I/O FT - TIM3_CH4 - 41 29 18 - PA8 I/O FT - USART1_CK, TIM1_CH1, EVENTOUT, MCO - 42 30 19 17 PA9 I/O FT - USART1_TX, TIM1_CH2, TIM15_BKIN(3)(5) I2C1_SCL(2)(5) - 43 31 20 18 PA10 I/O FT - USART1_RX, TIM1_CH3, TIM17_BKIN I2C1_SDA(2)(5) - 44 32 21 - PA11 I/O FT - USART1_CTS, TIM1_CH4, EVENTOUT, I2C2_SCL(5) - 45 33 22 - PA12 I/O FT - USART1_RTS, TIM1_ETR, EVENTOUT, I2C2_SDA(5) - Table 11. STM32F030x4/6/8/C pin definitions (continued) Pin number Pin name (function after reset) Notes Pin functions Alternate functions Additional functions |