Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F030RC Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce STM32F030RC
Description  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030RC Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button STM32F030RC Datasheet HTML 34Page - STMicroelectronics STM32F030RC Datasheet HTML 35Page - STMicroelectronics STM32F030RC Datasheet HTML 36Page - STMicroelectronics STM32F030RC Datasheet HTML 37Page - STMicroelectronics STM32F030RC Datasheet HTML 38Page - STMicroelectronics STM32F030RC Datasheet HTML 39Page - STMicroelectronics STM32F030RC Datasheet HTML 40Page - STMicroelectronics STM32F030RC Datasheet HTML 41Page - STMicroelectronics STM32F030RC Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 93 page
background image
Memory mapping
STM32F030x4/x6/x8/xC
38/93
DS9773 Rev 4
5
Memory mapping
Figure 10. STM32F030x4/x6/x8/xC memory map
1. The start address of the system memory is 0x1FFF EC00 for STM32F030x4, STM32F030x6 and STM32F030x8 devices,
and 0x1FFF D800 for STM32F030xC devices.
MSv36474V2
AHB2
0
1
2
3
4
5
6
7
0xFFFF FFFF
Peripherals
SRAM
Flash memory
Reserved
System memory
Option Bytes
0xE010 0000
Flash, system
memory or SRAM,
depending on BOOT
configuration
0x0000 0000
0xE000 0000
0xC000 0000
0xA000 0000
0x8000 0000
0x6000 0000
0x4000 0000
0x2000 0000
0x0000 0000
0x0800 0000
0x0804 0000
0x1FFF xx00
(1)
0x1FFF F800
0x1FFF FFFF
0x0004 0000
Reserved
CODE
APB
APB
Reserved
0x4000 0000
0x4000 8000
0x4001 0000
0x4001 8000
Reserved
0x4002 0000
AHB1
0x4800 0000
Reserved
0x4800 17FF
0x4002 43FF
Cortex-M0 internal
peripherals
Reserved
0x1FFF FC00
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93