Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F030RC Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce STM32F030RC
Description  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030RC Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button STM32F030RC Datasheet HTML 27Page - STMicroelectronics STM32F030RC Datasheet HTML 28Page - STMicroelectronics STM32F030RC Datasheet HTML 29Page - STMicroelectronics STM32F030RC Datasheet HTML 30Page - STMicroelectronics STM32F030RC Datasheet HTML 31Page - STMicroelectronics STM32F030RC Datasheet HTML 32Page - STMicroelectronics STM32F030RC Datasheet HTML 33Page - STMicroelectronics STM32F030RC Datasheet HTML 34Page - STMicroelectronics STM32F030RC Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 93 page
background image
DS9773 Rev 4
31/93
STM32F030x4/x6/x8/xC
Pinouts and pin descriptions
33
34
26
-
-
PB13
I/O
FT
-
SPI1_SCK(2),
SPI2_SCK(3)(5),
I2C2_SCL(5),
TIM1_CH1N,
USART3_CTS(5)
-
35
27
-
-
PB14
I/O
FT
-
SPI1_MISO(2),
SPI2_MISO(3)(5),
I2C2_SDA(5),
TIM1_CH2N,
TIM15_CH1(3)(5),
USART3_RTS(5)
-
36
28
-
-
PB15
I/O
FT
-
SPI1_MOSI(2),
SPI2_MOSI(3)(5),
TIM1_CH3N,
TIM15_CH1N(3)(5),
TIM15_CH2(3)(5)
RTC_REFIN,
WKUP7(5)
37
-
-
-
PC6
I/O
FT
-
TIM3_CH1
-
38
-
-
-
PC7
I/O
FT
-
TIM3_CH2
-
39
-
-
-
PC8
I/O
FT
-
TIM3_CH3
-
40
-
-
-
PC9
I/O
FT
-
TIM3_CH4
-
41
29
18
-
PA8
I/O
FT
-
USART1_CK,
TIM1_CH1,
EVENTOUT,
MCO
-
42
30
19
17
PA9
I/O
FT
-
USART1_TX,
TIM1_CH2,
TIM15_BKIN(3)(5)
I2C1_SCL(2)(5)
-
43
31
20
18
PA10
I/O
FT
-
USART1_RX,
TIM1_CH3,
TIM17_BKIN
I2C1_SDA(2)(5)
-
44
32
21
-
PA11
I/O
FT
-
USART1_CTS,
TIM1_CH4,
EVENTOUT,
I2C2_SCL(5)
-
45
33
22
-
PA12
I/O
FT
-
USART1_RTS,
TIM1_ETR,
EVENTOUT,
I2C2_SDA(5)
-
Table 11. STM32F030x4/6/8/C pin definitions (continued)
Pin number
Pin name
(function after
reset)
Notes
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93