| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F030K6 Fiches technique(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F030K6 Fiches technique(HTML) 38 Page - STMicroelectronics |
|
38 / 93 page ![]() Memory mapping STM32F030x4/x6/x8/xC 38/93 DS9773 Rev 4 5 Memory mapping Figure 10. STM32F030x4/x6/x8/xC memory map 1. The start address of the system memory is 0x1FFF EC00 for STM32F030x4, STM32F030x6 and STM32F030x8 devices, and 0x1FFF D800 for STM32F030xC devices. MSv36474V2 AHB2 0 1 2 3 4 5 6 7 0xFFFF FFFF Peripherals SRAM Flash memory Reserved System memory Option Bytes 0xE010 0000 Flash, system memory or SRAM, depending on BOOT configuration 0x0000 0000 0xE000 0000 0xC000 0000 0xA000 0000 0x8000 0000 0x6000 0000 0x4000 0000 0x2000 0000 0x0000 0000 0x0800 0000 0x0804 0000 0x1FFF xx00 (1) 0x1FFF F800 0x1FFF FFFF 0x0004 0000 Reserved CODE APB APB Reserved 0x4000 0000 0x4000 8000 0x4001 0000 0x4001 8000 Reserved 0x4002 0000 AHB1 0x4800 0000 Reserved 0x4800 17FF 0x4002 43FF Cortex-M0 internal peripherals Reserved 0x1FFF FC00 Reserved Reserved Reserved Reserved Reserved Reserved Reserved |