| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F030K6 Fiches technique(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F030K6 Fiches technique(HTML) 24 Page - STMicroelectronics |
|
24 / 93 page ![]() Functional overview STM32F030x4/x6/x8/xC 24/93 DS9773 Rev 4 3.16 Serial wire debug port (SW-DP) An Arm SW-DP interface is provided to allow a serial wire debugging tool to be connected to the MCU. Table 9. STM32F030x4/x6/x8/xC SPI implementation(1) 1. X = supported. SPI features SPI1 SPI2(2) 2. Not available on STM32F030x4/6. Hardware CRC calculation X X Rx/Tx FIFO X X NSS pulse mode X X TI mode X X |