| Moteur de recherche de fiches techniques de composants électroniques |
|
STC89LE53RC Fiches technique(PDF) 10 Page - STCmicro Technology Co,.Ltd |
|
|
|||||||||||||||||||||||||||||
STC89LE53RC Fiches technique(HTML) 10 Page - STCmicro Technology Co,.Ltd |
|
10 / 165 page ![]() A A2 A1 18 28 40 29 39 7 17 1 E He 6 L Ge Seating Plane Y H SYMBOLS DIMENSIONS IN INCH DIMENSIONS IN MILLMETERS MIN NOM MAX MIN NOM MAX A 0.165 - 0.180 4.191 - 4.572 A1 0.020 - - 0.508 - - A2 0.147 - 0.158 3.734 - 4.013 b1 0.026 0.028 0.032 0.660 0.711 0.813 b 0.013 0.017 0.021 0.330 0.432 0.533 c 0.007 0.010 0.0013 0.178 0.254 0.330 D 0.650 0.653 0.656 16.510 16.586 16.662 E 0.650 0.653 0.656 16.510 16.586 16.662 0.050BSC 1.270BSC Gd 0.590 0.610 0.630 14.986 15.494 16.002 Ge 0.590 0.610 0.630 14.986 15.494 16.002 Hd 0.685 0.690 0.695 17.399 17.526 17.653 He 0.685 0.690 0.695 17.399 17.526 17.653 L 0.100 - 0.112 2.540 - 2.845 Y - - 0.004 - - 0.102 NOTE: 1.JEDEC OUTLINE :M0-047 AC 2.DATUM PLANE H IS LACATED AT THE BOTTOM OF THE MOLD PARTING LINE COINCIDENT WITH WHERE THE LEAD EXITS THE BODY. 3.DIMENSIONS E AND D D0 NOT INCLUDE MODE PROTRUSION. ALLOWABLE PROTRUSION IS 10 MIL PRE SIDE.DIMENSIONS E AND D D0 INCLUDE MOLD MISMATCH AND ARE DETERMINED AT DATUM PLANE H . 4.DIMENSION b1 DOES NOT INCLUDE DAMBAR PROTRUSION. e PLCC-44 OUTLINE PACKAGE 10 |