| Moteur de recherche de fiches techniques de composants électroniques |
|
STC89LE53RC Fiches technique(PDF) 38 Page - STCmicro Technology Co,.Ltd |
|
|
|||||||||||||||||||||||||||||
STC89LE53RC Fiches technique(HTML) 38 Page - STCmicro Technology Co,.Ltd |
|
38 / 165 page ![]() Mnemonic Description Byte Execution clocks STC of 12T MCU Execution clocks of STC 6T MCU LOGICAL OPERATIONS ANL A, Rn AND Register to Accumulator 1 12 6 ANL A, direct AND direct btye to Accumulator 2 12 6 ANL A, @Ri AND indirect RAM to Accumulator 1 12 6 ANL A, #data AND immediate data to Accumulator 2 12 6 ANL direct, A AND Accumulator to direct byte 2 12 6 ANL direct,#data AND immediate data to direct byte 3 24 12 ORL A, Rn OR register to Accumulator 1 12 6 ORL A,direct OR direct byte to Accumulator 2 12 6 ORL A,@Ri OR indirect RAM to Accumulator 1 12 6 ORL A, #data OR immediate data to Accumulator 2 12 6 ORL direct, A OR Accumulator to direct byte 2 12 6 ORL direct,#data OR immediate data to direct byte 3 24 12 XRL A, Rn Exclusive-OR register to Accumulator 1 12 6 XRL A, direct Exclusive-OR direct byte to Accumulator 2 12 6 XRL A, @Ri Exclusive-OR indirect RAM to Accumulator 112 6 XRL A, #data Exclusive-OR immediate data to Accumulator 212 6 XRL direct, A Exclusive-OR Accumulator to direct byte 2 12 6 XRL direct,#data Exclusive-OR immediate data to direct byte 324 12 CLR A Clear Accumulator 1 12 6 CPL A Complement Accumulator 1 12 6 RL A Rotate Accumulator Left 112 6 RLC A Rotate Accumulator Left through the Carry 112 6 RR A Rotate Accumulator Right 1 12 6 RRC A Rotate Accumulator Right through the Carry 112 6 SWAP A Swap nibbles within the Accumulator 1 12 6 38 |