| Moteur de recherche de fiches techniques de composants électroniques |
|
STC89LE53RC Fiches technique(PDF) 150 Page - STCmicro Technology Co,.Ltd |
|
|
|||||||||||||||||||||||||||||
STC89LE53RC Fiches technique(HTML) 150 Page - STCmicro Technology Co,.Ltd |
|
150 / 165 page ![]() Assembler controls supported by ASM51 NAME PRIMARY/ GENERAL DEFAULT ABBREV. MEANING DATE (date) P DATE( ) DA Place string in header (9 char. max.) DEBUG P NODEBUG DB Outputs debug symbol information to object file EJECT G not applicable EJ Continue listing on next page ERRORPRINT (file) P NOERRORPRINT EP Designates a file to receive error messages in addition to the listing file (defauts to console) NOERRORPRINT P NOERRORPRINT NOEP Designates that error messages will be printed in listing file only GEN G GENONLY GO List only the fully expanded source as if all lines generated by a macro call were already in the source file GENONLY G GENONLY NOGE List only the original source text in the listing file INCLUED(file) G not applicable IC Designates a file to be included as part of the program LIST G LIST LI Print subsequent lines of source code in listing file NOLIST G LIST NOLI Do not print subsequent lines of source code in lisitng file MACRO (men_precent) P MACRO(50) MR Evaluate and expand all macro calls. Allocate percentage of free memory for macro processing NOMACRO P MACRO(50) NOMR Do not evalutate macro calls MOD51 P MOD51 MO Recognize the 8051-specific predefined special function registers NOMOD51 P MOD51 NOMO Do not recognize the 8051-specific predefined special function registers OBJECT(file) P OBJECT(source.OBJ) OJ Designates file to receive object code NOOBJECT P OBJECT(source.OBJ) NOOJ Designates that no object file will be created PAGING P PAGING PI Designates that listing file be broken into pages and each will have a header NOPAGING P PAGING NOPI Designates that listing file will contain no page breaks PAGELENGTH (N) P PAGELENGT(60) PL Sets maximun number of lines in each page of listing file (range=10 to 65536) PAGE WIDTH (N) P PAGEWIDTH(120) PW Set maximum number of characters in each line of listing file (range = 72 to 132) PRINT(file) P PRINT(source.LST) PR Designates file to receive source listing NOPRINT P PRINT(source.LST) NOPR Designates that no listing file will be created SAVE G not applicable SA Stores current control settings from SAVE stack RESTORE G not applicable RS Restores control settings from SAVE stack REGISTERBANK (rb,...) P REGISTERBANK(0) RB Indicates one or more banks used in program module NOREGISTER- BANK P REGISTERBANK(0) NORB Indicates that no register banks are used SYMBOLS P SYMBOLS SB Creates a formatted table of all symbols used in program NOSYMBOLS P SYMBOLS NOSB Designates that no symbol table is created TITLE(string) G TITLE( ) TT Places a string in all subsequent page headers (max.60 characters) WORKFILES (path) P same as source WF Designates alternate path for temporay workfiles XREF P NOXREF XR Creates a cross reference listing of all symbols used in program NOXREF P NOXREF NOXR Designates that no cross reference list is created 150 |