Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EPCQ32 Fiches technique(PDF) 16 Page - Intel Corporation

No de pièce EPCQ32
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

EPCQ32 Fiches technique(HTML) 16 Page - Intel Corporation

Back Button EPCQ32 Datasheet HTML 12Page - Intel Corporation EPCQ32 Datasheet HTML 13Page - Intel Corporation EPCQ32 Datasheet HTML 14Page - Intel Corporation EPCQ32 Datasheet HTML 15Page - Intel Corporation EPCQ32 Datasheet HTML 16Page - Intel Corporation EPCQ32 Datasheet HTML 17Page - Intel Corporation EPCQ32 Datasheet HTML 18Page - Intel Corporation EPCQ32 Datasheet HTML 19Page - Intel Corporation EPCQ32 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
1.4.6. Address Range for EPCQ512/A
Table 13.
Address Range for Sectors 1023..0 and Subsectors 16383..0 in EPCQ512/A
Devices
Sector
Subsector
Address Range (Byte Addresses in HEX)
Start
End
1023
16383
3FFF000
3FFFFFF
.
.
.
16368
3FF0000
3FF0FFF
.
.
.
.
511
8191
1FFF000
1FFFFFF
.
.
.
8176
FF0000
1FF0FFF
.
.
.
.
255
4095
FFF000
FFFFFF
.
.
.
4080
FF0000
FF0FFF
.
.
.
.
127
2047
7FF000
7FFFFF
.
.
.
2032
7F0000
7F0FFF
.
.
.
.
63
1023
3FF000
3FFFFF
.
.
.
1008
3F0000
3F0FFF
.
.
.
.
0
15
F000
FFFF
.
.
.
0
H'0000000
H'0000FFF
1.5. Memory Operations
This section describes the operations that you can use to access the memory in EPCQ
devices. When performing the operation, addresses and data are shifted in and out of
the device serially, with the MSB first.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48