Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EPCQ32 Fiches technique(PDF) 8 Page - Intel Corporation

No de pièce EPCQ32
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

EPCQ32 Fiches technique(HTML) 8 Page - Intel Corporation

Back Button EPCQ32 Datasheet HTML 4Page - Intel Corporation EPCQ32 Datasheet HTML 5Page - Intel Corporation EPCQ32 Datasheet HTML 6Page - Intel Corporation EPCQ32 Datasheet HTML 7Page - Intel Corporation EPCQ32 Datasheet HTML 8Page - Intel Corporation EPCQ32 Datasheet HTML 9Page - Intel Corporation EPCQ32 Datasheet HTML 10Page - Intel Corporation EPCQ32 Datasheet HTML 11Page - Intel Corporation EPCQ32 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Details
EPCQ16
EPCQ32
EPCQ64
EPCQ128
EPCQ256
EPCQ512/A
Pages per sector
256
Total number of pages
8,192
16,384
32,768
65,536
131,072
262,144
Bytes per page
256 bytes
1.4.1. Address Range for EPCQ16
Table 8.
Address Range for Sectors 31..0 and Subsectors 511..0 in EPCQ16 Devices
Sector
Subsector
Address Range (Byte Addresses in HEX)
Start
End
31
511
1FF000
1FFFFF
510
1FE000
1FEFFF
.
.
.
498
1F2000
1F2FFF
497
1F1000
1F1FFF
496
1F0000
1F0FFF
30
495
1EF000
1EFFFF
494
1EE000
1EEFFF
.
.
.
482
1E2000
1E2FFF
481
1E1000
1E1FFF
480
1E0000
1E0FFF
1
31
1F000
1FFFF
30
1E000
1EFFF
.
.
.
18
12000
12FFF
17
11000
11FFF
16
10000
10FFF
0
15
F000
FFFF
14
E000
EFFF
.
.
.
2
2000
2FFF
1
1000
1FFF
0
H'0000000
H'0000FFF
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48