| Moteur de recherche de fiches techniques de composants électroniques |
|
MAS6512 Fiches technique(PDF) 21 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS6512 Fiches technique(HTML) 21 Page - Micro Analog systems |
|
21 / 32 page ![]() DA6512.003 2 December, 2016 21 (32) 4-WIRE SERIAL DATA INTERFACE (SPI BUS) Figure 6 illustrates read access communication. The auto increment function can be utilized also in read access and if there are more than one data byte read the additional data bytes are delivered from following register addresses. XCS SCK SDA MISO MSB LSB Register Address Byte High Z MSB LSB Data Byte Ignored Figure 6. SPI Protocol – Read Access (register address MSB bit A7=1) SCLK MOSI |