Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV0974TR Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce STV0974TR
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974TR Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button STV0974TR Datasheet HTML 28Page - STMicroelectronics STV0974TR Datasheet HTML 29Page - STMicroelectronics STV0974TR Datasheet HTML 30Page - STMicroelectronics STV0974TR Datasheet HTML 31Page - STMicroelectronics STV0974TR Datasheet HTML 32Page - STMicroelectronics STV0974TR Datasheet HTML 33Page - STMicroelectronics STV0974TR Datasheet HTML 34Page - STMicroelectronics STV0974TR Datasheet HTML 35Page - STMicroelectronics STV0974TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
32/61
STV0974
Functional description
Timing constraints:
Note:
To be compatible with external power-on/internal power-down modes (ex: external VDD on and
PDN low), all input pads from baseband side as well as SCL and SDA pads on both sensor and
baseband sides are “fail-safe”.
The “timing constraints” mentioned above correspond to the minimum delay needed between
signals, in order to follow a correct power up sequence and insure an adequate initialization phase.
Referring to the application schematics (
Section 8), STMicroelectronics recommends to connect
POR pin (internal supply) to RST pin (Reset).
Figure 20: Boot-up phase machine
Table 21: Timing constraints
Min.
Max.
Unit
t1
0
ms
t2
20
µs
t3
20
clk cycles
t4
2
ms
t5
7
µs
PDN
RST
Mode
Reset
Boot
Clk
VDD
t1
t2
t5
Sleep
POR
t3
t4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69