Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV0974TR Fiches technique(PDF) 60 Page - STMicroelectronics

No de pièce STV0974TR
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974TR Fiches technique(HTML) 60 Page - STMicroelectronics

Back Button STV0974TR Datasheet HTML 56Page - STMicroelectronics STV0974TR Datasheet HTML 57Page - STMicroelectronics STV0974TR Datasheet HTML 58Page - STMicroelectronics STV0974TR Datasheet HTML 59Page - STMicroelectronics STV0974TR Datasheet HTML 60Page - STMicroelectronics STV0974TR Datasheet HTML 61Page - STMicroelectronics STV0974TR Datasheet HTML 62Page - STMicroelectronics STV0974TR Datasheet HTML 63Page - STMicroelectronics STV0974TR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 69 page
background image
60/61
STV0974
Electrical characteristics
Figure 36: VisionLink basic input timing
Table 44: Receiver VisionLink / SubLVDS electrical characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VI
Input common mode voltage range
VDD /2 -
0.4
VDD/2
VDD/2 +
0.4
V
VIDTH
Input differential threshold
(Va -Vaz)
+/-50
+/-200
mV
tPWRUP/
PWRDN
Power-up/-down time
2
10
µs
PCLK
tDS
tCKP
PDATA
tDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69