| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5396 Fiches technique(PDF) 30 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5396 Fiches technique(HTML) 30 Page - Cirrus Logic |
|
30 / 40 page ![]() CS5396 CS5397 30 DS229PP2 Psycho coeff (address 00010000 - 00011000) H1 Default = ‘1101 1010’. H2 Default = ‘0011 0101’. H3 Default = ‘1100 0010’. H4 Default = ‘0100 0011’. H5 Default = ‘1100 1011’. H6 Default = ‘0010 0011’. H7 Default = ‘1110 1100’. H? Default = ‘0000 1001’. H8 Default = ‘1111 1111’. Psychoacoustic filter coefficients. 2’s complement representation. 4 MSB bits represent left of binary point. 4 LSB represent right of binary point. User can read or write one or all of the coefficients through the serial control port. 765 4321 0 pc8(bit8) pc8(bit7) pc0(bit5) pc8(bit4) pc8(bit3) pc8(bit2) pc8(bit1) pc8(bit0) 110 1101 0 pc7(bit8) pc7(bit7) pc1(bit5) pc7(bit4) pc7(bit3) pc7(bit2) pc7(bit1) pc7(bit0) 001 1010 1 pc6(bit8) pc6(bit7) pc2(bit5) pc6(bit4) pc6(bit3) pc6(bit2) pc6(bit1) pc6(bit0) 110 0001 0 pc5(bit8) pc5(bit7) pc3(bit5) pc5(bit4) pc5(bit3) pc5(bit2) pc5(bit1) pc5(bit0) 010 0001 1 pc4(bit8) pc4(bit7) pc4(bit5) pc4(bit4) pc4(bit3) pc4(bit2) pc4(bit1) pc4(bit0) 110 0101 1 pc3(bit8) pc3(bit7) pc5(bit5) pc3(bit4) pc3(bit3) pc3(bit2) pc3(bit1) pc3(bit0) 001 0001 1 pc2(bit8) pc2(bit7) pc6(bit5) pc2(bit4) pc2(bit3) pc2(bit2) pc2(bit1) pc2(bit0) 111 0110 0 pc1(bit8) pc1(bit7) pc7(bit5) pc1(bit4) pc1(bit3) pc1(bit2) pc1(bit1) pc1(bit0) 000 0100 1 pc0(bit8) pc0(bit7) pc8(bit5) pc0(bit4) pc0(bit3) pc0(bit2) pc0(bit1) pc0(bit0) 111 1111 1 Please see Appendix C at the end of this document |