| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5396 Fiches technique(PDF) 16 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5396 Fiches technique(HTML) 16 Page - Cirrus Logic |
|
16 / 40 page ![]() CS5396 CS5397 16 DS229PP2 SDATA P1 P0 24 23 9 P7 P6 P5 P4 P3 P2 8 24 23 SCLK LRCK P1 P0 24 23 9 P7 P6 P5 P4 P3 P2 8 MASTER 24-Bit Left Justified Data Data Valid on Rising Edge of 64x SCLK MCLK equal to 256x Fs SLAVE 24-Bit Left Justified Data Data Valid on Rising Edge of SCLK MCLK equal to 256x Fs 10 32 54 76 76 54 32 10 Left Right Figure 4. Control Port Mode, Serial Data. Left Justified. 64x Oversampling Mode The peak signal level bits are available only if Bit 6 of Byte 7 is set. SCLK LRCK MASTER I S 24-Bit Data Data Valid on Rising Edge of 64x SCLK MCLK equal to 256x Fs 2 SLAVE I S 24-Bit Data Data Valid on Rising Edge of SCLK MCLK equal to 256x Fs 2 SDATA P1 P0 24 23 9 P7 P6 P5 P4 P3 P2 8 24 23 P1 P0 24 23 9 P7 P6 P5 P4 P3 P2 8 10 32 54 76 76 54 32 10 Left Right Figure 5. Control Port Mode, Serial Data. I 2S Compatible. 64x Oversampling Mode. The peak signal level bits are available only if Bit 6 of Byte 7 is set. SDATA P1 P0 23 22 P7 P6 P5 P4 P3 P2 SCLK LRCK 23 22 MASTER 24-Bit Left Justified Data Data Valid on Rising Edge of 128x SCLK MCLK equal to 512x Fs SLAVE 24-Bit Left Justified Data Data Valid on Rising Edge of SCLK MCLK equal to 512x Fs 10 P1 P0 P7 P6 P5 P4 P3 P2 23 22 10 Left Right Figure 6. Control Port Mode, Serial Data. Left Justified. 128x Oversampling Mode The peak signal level bits are available only if Bit 6 of Byte 7 is set. SDATA P1 P0 23 22 P7 P6 P5 P4 P3 P2 SCLK 23 22 10 P1 P0 P7 P6 P5 P4 P3 P2 23 22 10 LRCK MASTER I S 24-Bit Data Data Valid on Rising Edge of 128x SCLK MCLK equal to 512x Fs 2 SLAVE I S 24-Bit Data Data Valid on Rising Edge of SCLK MCLK equal to 512x Fs 2 Left Right Figure 7. Control Port Mode, Serial Data. I2S Compatible. 128x Oversampling Mode. The peak signal level bits are available only if Bit 6 of Byte 7 is set. |