| Moteur de recherche de fiches techniques de composants électroniques |
|
DLP4710AFQL Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DLP4710AFQL Fiches technique(HTML) 5 Page - Texas Instruments |
|
5 / 43 page ![]() 5 DLP4710 www.ti.com DLPS125 – NOVEMBER 2018 Product Folder Links: DLP4710 Submit Documentation Feedback Copyright © 2018, Texas Instruments Incorporated Pin Functions – Connector Pins(1) (continued) PIN TYPE SIGNAL DATA RATE DESCRIPTION PACKAGE NET LENGTH(2) (mm) NAME NO. VDD(3) C2 Power Supply voltage for LVCMOS core logic. Supply voltage for LPSDR inputs. Supply voltage for normal high level at micromirror address electrodes. VDD D2 Power VDD D29 Power VDD E2 Power VDD E29 Power VDD H2 Power VDD H28 Power VDD H29 Power VDD J2 Power VDD J28 Power VDD J29 Power VDD K2 Power VDD K29 Power VDD L2 Power VDD L29 Power VDDI E28 Power Supply voltage for SubLVDS receivers. VDDI F2 Power VDDI F28 Power VDDI F29 Power VDDI F3 Power VDDI G2 Power VDDI G28 Power VDDI G29 Power |