| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9154 Fiches technique(PDF) 88 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9154 Fiches technique(HTML) 88 Page - Analog Devices |
|
88 / 124 page ![]() AD9154 Data Sheet Rev. C | Page 88 of 124 Reg. Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset R/W 0x302 DYN_LINK_ LATENCY_0 RESERVED DYN_LINK_LATENCY_0 0x00 R/W 0x303 DYN_LINK_ LATENCY_1 RESERVED DYN_LINK_LATENCY_1 0x00 R/W 0x304 LMFC_DELAY_0 RESERVED LMFCDEL0 0x00 R/W 0x305 LMFC_DELAY_1 RESERVED LMFCDEL1 0x00 R/W 0x306 LMFCVAR0 RESERVED LMFCVAR0 0x06 R/W 0x307 LMFCVAR1 RESERVED LMFCVAR1 0x06 R/W 0x308 XBAR_LN_0_1 RESERVED XBARVAL1 XBARVAL0 0x08 R/W 0x309 XBAR_LN_2_3 RESERVED XBARVAL3 XBARVAL2 0x1A R/W 0x30A XBAR_LN_4_5 RESERVED XBARVAL5 XBARVAL4 0x2C R/W 0x30B XBAR_LN_6_7 RESERVED XBARVAL7 XBARVAL6 0x3E R/W 0x30C FIFO_STATUS_ REG_0 LANE_FIFO_FULL 0x00 R 0x30D FIFO_STATUS_ REG_1 LANE_FIFO_EMPTY 0x00 R 0x312 SYNCB_GEN_1 RESERVED SYNCB_ERR_DUR RESERVED 0x00 R/W 0x314 SPI_SYNC_CTRL RESERVED SPI_SYNC_ CLK_SEL 0x00 R/W 0x315 PHY_PRBS_ TEST_EN PHY_TEST_EN 0x00 R/W 0x316 PHY_PRBS_ TEST_CTRL RESERVED PHY_SRC_ERR_CNT PHY_PRBS_PAT_SEL PHY_TEST _START PHY_TEST _RESET 0x00 R/W 0x317 PHY_PRBS_ TEST_THRES- HOLD_LOBITS PHY_PRBS_THRESHOLD_LOBITS 0x00 R/W 0x318 PHY_PRBS_ TEST_THRESH- OLD_MIDBITS PHY_PRBS_THRESHOLD_MIDBITS 0x00 R/W 0x319 PHY_PRBS_ TEST_THRESH- OLD_HIBITS PHY_PRBS_THRESHOLD_HIBITS 0x00 R/W 0x31A PHY_PRBS_ TEST_ERRCNT_L OBITS PHY_PRBS_ERR_CNT_LOBITS 0x00 R 0x31B PHY_PRBS_ TEST_ERRCNT_ MIDBITS PHY_PRBS_ERR_CNT_MIDBITS 0x00 R 0x31C PHY_PRBS_ TEST_ERRCNT_H IBITS PHY_PRBS_ERR_CNT_HIBITS 0x00 R 0x31D PHY_PRBS_ TEST_STATUS PHY_PRBS_PASS 0xFF R 0x32C SHORT_TPL_ TEST_0 RESERVED SHORT_TPL_SP_SEL SHORT_TPL_M_SEL SHORT_ TPL_TEST _RESET SHORT_ TPL_TEST_ EN 0x00 R/W 0x32D SHORT_TPL_ TEST_1 SHORT_TPL_REF_SP_LSB 0x00 R/W 0x32E SHORT_TPL_ TEST_2 SHORT_TPL_REF_SP_MSB 0x00 R/W 0x32F SHORT_TPL_ TEST_3 RESERVED SHORT_ TPL_FAIL 0x00 R 0x333 DEVICE_ CONFIG_REG2 RESERVED 0x00 R/W 0x334 JESD_BIT_ INVERSE_CTRL INVLANES 0x00 R/W 0x400 DID_REG DID_RD 0x00 R 0x401 BID_REG ADJCNT_RD BID_RD 0x00 R 0x402 LID0_REG RESERVED ADJDIR_RD PHADJ_RD LID0_RD 0x00 R 0x403 SCR_L_REG SCR_RD RESERVED L_RD 0x00 R 0x404 F_REG F_RD 0x00 R 0x405 K_REG RESERVED K_RD 0x00 R 0x406 M_REG M_RD 0x00 R 0x407 CS_N_REG CS_RD RESERVED N_RD 0x00 R 0x408 NP_REG SUBCLASSV_RD NP_RD 0x00 R |