Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9154 Fiches technique(PDF) 32 Page - Analog Devices

No de pièce AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9154 Fiches technique(HTML) 32 Page - Analog Devices

Back Button AD9154 Datasheet HTML 28Page - Analog Devices AD9154 Datasheet HTML 29Page - Analog Devices AD9154 Datasheet HTML 30Page - Analog Devices AD9154 Datasheet HTML 31Page - Analog Devices AD9154 Datasheet HTML 32Page - Analog Devices AD9154 Datasheet HTML 33Page - Analog Devices AD9154 Datasheet HTML 34Page - Analog Devices AD9154 Datasheet HTML 35Page - Analog Devices AD9154 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 32 of 124
Use the list of delay values to calculate LMFCDel and LMFCVar,
but note that some of the delay values may need to be
remapped first.
The maximum possible value for DYN_LINK_LATENCY_x is one
less than the number of PClocks in a multiframe (PClocksPerMF).
A rollover condition may be encountered, meaning the set of
recorded delay values may roll over the edge of a multiframe. If
so, Delay values may be near both 0 and PClocksPerMF. If this
occurs, add PClocksPerMF to the set of values near 0.
For example, for Delay value readbacks of 6, 7, 0, and 1, the 0
and 1 Delay values must be remapped to 8 and 9, making the
new set of Delay values 6, 7, 8, and 9.
Across power cycles, links, and devices,
•
MinDelay is the minimum of all delay measurements.
•
FALL_COUNT_Delay is the maximum of all delay
measurements.
For safety, add a guard band of 1 PClock cycle to each end of
the link delay and calculate LMFCVar and LMFCDel with the
following equation:
LMFCVar = (FALL_COUNT_Delay + 1) − (MinDelay − 1)
Note that if LMFCVar must be more than 10, the AD9154
cannot tolerate the variable delay in the system.
For Subclass 1,
LMFCDel = ((MinDelay − 1) × PClockFactor) % K
For Subclass 0
LMFCDel = (MinDelay − 1) % PClockPerMF
Program the same LMFCDel and LMFCVar across all links and
devices.
See the Link Delay Setup Example, Without Known Delay
section for an example calculation.
CROSSBAR SETUP
Registers 0x308 to Register 0x30B allow arbitrary mapping of
physical lanes (SERDINx±) to logical lanes used by the SERDES
deframers.
Table 33. Crossbar Registers
Address
Bits
Logical Lane
0x308
[2:0]
XBARVAL0
0x308
[5:3]
XBARVAL1
0x309
[2:0]
XBARVAL2
0x309
[5:3]
XBARVAL3
0x30A
[2:0]
XBARVAL4
0x30A
[5:3]
XBARVAL5
0x30B
[2:0]
XBARVAL6
0x30B
[5:3]
XBARVAL7
Write each XBARVALy with the number (x) of the desired physical
lane (SERDINx±) from which to get data. By default, all logical
lanes use the corresponding physical lane as their data source. For
example, by default, XBARVAL0 = 0, meaning Logical Lane 0
receives data from Physical Lane 0 (SERDIN0±). If instead the
user wants to use SERDIN4± as the source for Logical Lane 0,
the user must write XBARVAL0 = 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More