| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC6241CS8 Fiches technique(PDF) 4 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC6241CS8 Fiches technique(HTML) 4 Page - Linear Technology |
|
4 / 24 page ![]() LTC6241/LTC6242 4 62412f (LTC6241/LTC6241HV, LTC6242/LTC6242HV) The ● denotes the specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V, VCM = 2.5V unless otherwise noted. ELECTRICAL CHARACTERISTICS SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS IOS Input Offset Current (Notes 5, 8) ● 0.5 75 pA pA Input Noise Voltage 0.1Hz to 10Hz 550 nVP-P en Input Noise Voltage Density f = 1kHz 7 10 nV/√Hz in Input Noise Current Density (Note 9) 0.56 fA/√Hz RIN Input Resistance Common Mode 1012 Ω CIN Input Capacitance Differential Mode Common Mode f = 100kHz (See Typical Characteristic Curves) 0.5 3 pF pF VCM Input Voltage Range Guaranteed by CMRR ● 0 3.5 V CMRR Common Mode Rejection 0V ≤ VCM ≤ 3.5V ● 80 105 dB CMRR Match Channel-to-Channel (Note 6) ● 76 95 dB AVOL Large Signal Voltage Gain VO = 1V to 4V RL = 10k to VS/2 0°C to 70°C –40°C to 85°C ● ● 425 300 200 1600 V/mV V/mV V/mV VO = 1.5V to 3.5V RL = 1k to VS/2 0°C to 70°C –40°C to 85°C ● ● 90 60 50 215 V/mV V/mV V/mV VOL Output Voltage Swing Low (Note 10) No Load ISINK = 1mA ISINK = 5mA ● ● ● 7 40 190 30 75 325 mV mV mV VOH Output Voltage Swing High (Note 10) No Load ISOURCE = 1mA ISOURCE = 5mA ● ● ● 11 45 190 30 75 325 mV mV mV PSRR Power Supply Rejection VS = 2.8V to 6V, VCM = 0.2V ● 80 104 dB PSRR Match Channel-to-Channel (Note 6) ● 74 100 dB Minimum Supply Voltage (Note 11) ● 2.8 V ISC Short-Circuit Current ● 15 30 mA IS Supply Current per Amplifier 0°C to 70°C –40°C to 85°C ● ● 1.8 2.2 2.3 2.4 mA mA mA GBW Gain Bandwidth Product Frequency = 20kHz, RL = 1kΩ ● 13 18 MHz SR Slew Rate (Note 12) AV = –2, RL = 1kΩ ● 5 10 V/µs FPBW Full Power Bandwidth (Note 13) VOUT = 3VP-P, RL = 1kΩ ● 0.53 1.06 MHz ts Settling Time VSTEP = 2V, AV = –1, RL = 1kΩ, 0.1% 1100 ns |