| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC6241CS8 Fiches technique(PDF) 8 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC6241CS8 Fiches technique(HTML) 8 Page - Linear Technology |
|
8 / 24 page ![]() LTC6241/LTC6242 8 62412f INPUT OFFSET VOLTAGE ( µV) 0 10 30 40 50 90 6241 G01 20 60 70 80 –70 –50 –30 –10 70 30 50 10 VS = ±2.5V SO-8 PACKAGE INPUT OFFSET VOLTAGE ( µV) 0 40 120 6241 G02 20 60 100 80 –350 –250 –150 –50 350 150 250 50 VS = ±2.5V DD PACKAGE DISTRIBUTION ( µV/°C) 0 4 16 14 12 6241 G03 2 6 10 8 –1.0 –0.6 –0.2 0.2 1.8 1.0 1.4 0.6 VS = ±2.5V 2 LOTS –55 °C TO 125°C INPUT COMMON MODE VOLTAGE (V) –0.5 300 200 250 150 100 0 50 –50 –100 –150 –200 –250 –300 3.0 6241 G05 0 0.5 1.5 2.5 3.5 1.0 2.0 4.5 4.0 VS = 5V, 0V TA = –55°C TA = 125°C TA = 25°C COMMON MODE VOLTAGE (V) 0 1.0 2.0 3.0 4.0 0.5 1.5 2.5 3.5 4.5 5.0 1000 100 10 1 6241 G06 VS = 5V, 0V TA = 85°C TA = 125°C TA = 25°C COMMON MODE VOLTAGE (V) –0.8 –0.6 –0.2 0.2 0.6 –0.4 0 0.4 0.8 1.0 700 100 200 300 400 500 600 –400 –300 –200 –100 0 6241 G07 VS = 5V, 0V TA = 85°C TA = 125°C TA = 25°C LOAD CURRENT (mA) 0.01 0.1 0.1 10 100 6241 G09 0.001 1 10 1 VS = 5V, 0V TA = 125°C TA = –55°C TA = 25°C TEMPERATURE ( °C) 25 45 65 85 105 35 55 75 95 115 125 1000 100 10 1 6241 G08 VCM = VS/2 VS = 5V VS = 10V TOTAL SUPPLY VOLTAGE (V) 0 2.0 2.5 3.0 610 6241 G04 1.5 1.0 24 812 0.5 0 3.5 TA = –55°C TA = 125°C TA = 25°C VOS Distribution VOS Distribution VOS Temperature Coefficient Distribution Supply Current vs Supply Voltage Offset Voltage vs Input Common Mode Voltage Input Bias Current vs Common Mode Voltage Input Bias Current vs Common Mode Voltage Input Bias Current vs Temperature Output Saturation Voltage vs Load Current (Output Low) TYPICAL PERFOR A CE CHARACTERISTICS |