| Moteur de recherche de fiches techniques de composants électroniques |
|
UB2012DL-S08-R Fiches technique(PDF) 9 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UB2012DL-S08-R Fiches technique(HTML) 9 Page - Unisonic Technologies |
|
9 / 17 page ![]() UB2012 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 9 of 17 www.unisonic.com.tw QW-R121-018 .G APPLICATION INFORMATION(Cont.) Fig. 4 0.5-A Charger Using P-Channel MOSFET DC+ C1 10μF RSNS 0.2Ω R2 1kΩ UTC UB2012 CC SNS VCC VSS STAT TS BAT COMP R4 511Ω R5 1kΩ R3 1kΩ RT2 TEMP PACK- C2 10μF PACK+ NTC Battery Pack CMD67- 22SRU Q1 UT4101 D1 VCC VCC RT1 GND CURRENT REGULATION PHASE When the battery-pack voltage is less than the regulation voltage, VO(REG), the current is regulated by the UTC UB2012 . This advanced linear charge management IC monitors charge current at the SNS input by the voltage drop across a sense-resistor, RSNS, in series with the battery pack. In current sensing configuration (Fig. 5), RSNS is between the VCC and SNS pins. Charge-current feedback, applied through pin SNS, maintains a voltage of VSNS across the current sense resistor. The following formula calculates the value of the sense resistor: O(REG) (SNS) SNS I V R (1) Where IO(REG) is the desired charging current. |