| Moteur de recherche de fiches techniques de composants électroniques |
|
UB2012DL-S08-R Fiches technique(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UB2012DL-S08-R Fiches technique(HTML) 5 Page - Unisonic Technologies |
|
5 / 17 page ![]() UB2012 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 5 of 17 www.unisonic.com.tw QW-R121-018 .G ELECTRICAL CHARACTERISTICS (Cont.) CHARGE TERMINATION DETECTION Charge Termination Current Detect Threshold V(TERM) Voltage at pin SNS -30 -14 -4 mV TEMPERATURE COMPARATOR Lower V(TS1) 29 30 31 %VCC Temperature Threshold Upper V(TS2) TS Pin Voltage 58 60 62 %VCC PRECHARGE COMPARATOR UB2012A 2.92 3.0 3.08 V UB2012B 3.02 3.1 3.18 V UB2012C 5.85 6.0 6.15 V Precharge Threshold V(MIN) UB2012D 6.05 6.2 6.35 V PRECHARGE CURRENT REGULATION Precharge Current Regulation V(PRECHG) Voltage at pin SNS 3 14 30 mV VRCH COMPARATOR (BATTERY RECHARGE THRESHOLD) UB2012A UB2012B VO(REG) -70mV VO(REG- -100mV VO(REG) -130mV V UB2012C Recharge Threshold V(RCH) UB2012D VO(REG) -140mV VO(REG) -200mV VO(REG) -260mV V CHARGE-RATE COMPENSATION (Automatic Charge-Rate Compensation) Automatic Charge-Rate Compensation Gain G(COMP) V(BAT)+0.3V≤VCC≤VCC(MAX), 1.6 2.2 2.8 V/V STAT PIN Output (Low) Voltage VOL(STAT) IOL=10mA 0.7 V Output (High) Voltage VOH(STAT) IOH=5mA VCC-0.5 V CC PIN Output Low Voltage VOL(CC) IO(CC)=5mA (sink) 1.6 V Sink Current IO(CC) Not to exceed power rating (PD) 5 40 mA Note: V(BAT) +0.3 V≤VCC≤VCC(MAX) |