Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TUSB5052 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TUSB5052
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 5Page - Texas Instruments TUSB5052 Datasheet HTML 6Page - Texas Instruments TUSB5052 Datasheet HTML 7Page - Texas Instruments TUSB5052 Datasheet HTML 8Page - Texas Instruments TUSB5052 Datasheet HTML 9Page - Texas Instruments TUSB5052 Datasheet HTML 10Page - Texas Instruments TUSB5052 Datasheet HTML 11Page - Texas Instruments TUSB5052 Datasheet HTML 12Page - Texas Instruments TUSB5052 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
1–1
1 Controller Description
This controller provides bridging between the USB, the dual-enhanced UARTS, and the IEEE-1284 bidirectional
parallel port. This device contains all the necessary logic to communicate with the host computer using the USB bus.
In addition to the USB host interface, the device contains a 5-port hub that can be used for USB expansion. The
internal 8052 microcontroller contains 16K RAM that can be loaded from the host. All the device functions, such as
the USB command decoding, UARTS/1284-port setup, and error reporting, are managed by the internal
microcontroller unit (MCU) firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84