Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TUSB5052 Fiches technique(PDF) 82 Page - Texas Instruments

No de pièce TUSB5052
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Fiches technique(HTML) 82 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 76Page - Texas Instruments TUSB5052 Datasheet HTML 77Page - Texas Instruments TUSB5052 Datasheet HTML 78Page - Texas Instruments TUSB5052 Datasheet HTML 79Page - Texas Instruments TUSB5052 Datasheet HTML 80Page - Texas Instruments TUSB5052 Datasheet HTML 81Page - Texas Instruments TUSB5052 Datasheet HTML 82Page - Texas Instruments TUSB5052 Datasheet HTML 83Page - Texas Instruments TUSB5052 Datasheet HTML 84Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
12–2
6 MHz
USB-0
RS485
Transceiver
RTS
DTR
SOUT
SIN
TUSB5152
RS485 Bus
2-Bits Time
1-Bits Max
Receiver is Disabled if RCVE = 0
SOUT
RST
DTR
Figure 12–2. RS485 Bus Implementation
TUSB5052
USB-0
USB-5
6 MHz
Serial-1
Serial-2
TUSB5052B
USB-0
6 MHz
Serial-3
Serial-4
Figure 12–3. Quad UART Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84