Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XAM6528ACDXEAF Fiches technique(PDF) 71 Page - Texas Instruments

No de pièce XAM6528ACDXEAF
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

XAM6528ACDXEAF Fiches technique(HTML) 71 Page - Texas Instruments

Back Button XAM6528ACDXEAF Datasheet HTML 67Page - Texas Instruments XAM6528ACDXEAF Datasheet HTML 68Page - Texas Instruments XAM6528ACDXEAF Datasheet HTML 69Page - Texas Instruments XAM6528ACDXEAF Datasheet HTML 70Page - Texas Instruments XAM6528ACDXEAF Datasheet HTML 71Page - Texas Instruments XAM6528ACDXEAF Datasheet HTML 72Page - Texas Instruments XAM6528ACDXEAF Datasheet HTML 73Page - Texas Instruments XAM6528ACDXEAF Datasheet HTML 74Page - Texas Instruments XAM6528ACDXEAF Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 299 page
background image
71
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Terminal Configuration and Functions
Copyright © 2017–2018, Texas Instruments Incorporated
Table 4-24. GPIO0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
GPIO0_74
General Purpose Input/Output
IO
AG25
GPIO0_75
General Purpose Input/Output
IO
AG26
GPIO0_76
General Purpose Input/Output
IO
AH24
GPIO0_77
General Purpose Input/Output
IO
AH23
GPIO0_78
General Purpose Input/Output
IO
AG21
GPIO0_79
General Purpose Input/Output
IO
AH22
GPIO0_80
General Purpose Input/Output
IO
AE21
GPIO0_81
General Purpose Input/Output
IO
AC22
GPIO0_82
General Purpose Input/Output
IO
AG22
GPIO0_83
General Purpose Input/Output
IO
AD23
GPIO0_84
General Purpose Input/Output
IO
AE24
GPIO0_85
General Purpose Input/Output
IO
AF25
GPIO0_86
General Purpose Input/Output
IO
AF24
GPIO0_87
General Purpose Input/Output
IO
AC20
GPIO0_88
General Purpose Input/Output
IO
AE20
GPIO0_89
General Purpose Input/Output
IO
AF19
GPIO0_90
General Purpose Input/Output
IO
AH19
GPIO0_91
General Purpose Input/Output
IO
AG19
GPIO0_92
General Purpose Input/Output
IO
AE19
GPIO0_93
General Purpose Input/Output
IO
AE23
GPIO0_94
General Purpose Input/Output
IO
AD22
GPIO0_95
General Purpose Input/Output
IO
AC21
Table 4-25. GPIO1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
ACD [4]
GPIO1_0
General Purpose Input/Output
IO
AD18
GPIO1_1
General Purpose Input/Output
IO
AH18
GPIO1_2
General Purpose Input/Output
IO
D25
GPIO1_3
General Purpose Input/Output
IO
B26
GPIO1_4
General Purpose Input/Output
IO
A24
GPIO1_5
General Purpose Input/Output
IO
E24
GPIO1_6
General Purpose Input/Output
IO
A25
GPIO1_7
General Purpose Input/Output
IO
C26
GPIO1_8
General Purpose Input/Output
IO
E25
GPIO1_9
General Purpose Input/Output
IO
A26
GPIO1_10
General Purpose Input/Output
O
B25
GPIO1_11
General Purpose Input/Output
IO
B27
GPIO1_12
General Purpose Input/Output
I
C25
GPIO1_13
General Purpose Input/Output
IO
A23
GPIO1_14
General Purpose Input/Output
IO
B23
GPIO1_15
General Purpose Input/Output
IO
AG13
GPIO1_16
General Purpose Input/Output
IO
AF13
GPIO1_17
General Purpose Input/Output
IO
AH13
GPIO1_18
General Purpose Input/Output
IO
AE13
GPIO1_19
General Purpose Input/Output
IO
AD13
GPIO1_20
General Purpose Input/Output
IO
AD12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More