Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XAM6528ACDXEAF Fiches technique(PDF) 65 Page - Texas Instruments

No de pièce XAM6528ACDXEAF
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

XAM6528ACDXEAF Fiches technique(HTML) 65 Page - Texas Instruments

Back Button XAM6528ACDXEAF Datasheet HTML 61Page - Texas Instruments XAM6528ACDXEAF Datasheet HTML 62Page - Texas Instruments XAM6528ACDXEAF Datasheet HTML 63Page - Texas Instruments XAM6528ACDXEAF Datasheet HTML 64Page - Texas Instruments XAM6528ACDXEAF Datasheet HTML 65Page - Texas Instruments XAM6528ACDXEAF Datasheet HTML 66Page - Texas Instruments XAM6528ACDXEAF Datasheet HTML 67Page - Texas Instruments XAM6528ACDXEAF Datasheet HTML 68Page - Texas Instruments XAM6528ACDXEAF Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 299 page
background image
65
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Terminal Configuration and Functions
Copyright © 2017–2018, Texas Instruments Incorporated
Table 4-19. DDRSS0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
DDR_AC25
DDRSS Address and Command Bus
IO
B11
DDR_AC26
DDRSS Address and Command Bus
IO
C11
DDR_AC27
DDRSS Address and Command Bus
IO
E11
DDR_AC28
DDRSS Address and Command Bus
IO
E12
DDR_AC29
DDRSS Address and Command Bus
IO
D12
DDR_ALERTn
DDRSS Parity Error
IO
D5
DDR_CK0N
DDRSS Differential Clock (negative)
IO
B8
DDR_CK0P
DDRSS Differential Clock (positive)
IO
A8
DDR_CK1N
DDRSS Differential Clock (negative)
IO
B7
DDR_CK1P
DDRSS Differential Clock (positive)
IO
A7
DDR_DM0
DDRSS Data Mask
IO
E1
DDR_DM1
DDRSS Data Mask
IO
C5
DDR_DM2
DDRSS Data Mask
IO
D14
DDR_DM3
DDRSS Data Mask
IO
B17
DDR_DQ0
DDRSS Data
IO
A3
DDR_DQ1
DDRSS Data
IO
B2
DDR_DQ2
DDRSS Data
IO
C2
DDR_DQ3
DDRSS Data
IO
D2
DDR_DQ4
DDRSS Data
IO
E2
DDR_DQ5
DDRSS Data
IO
G1
DDR_DQ6
DDRSS Data
IO
F2
DDR_DQ7
DDRSS Data
IO
F1
DDR_DQ8
DDRSS Data
IO
E3
DDR_DQ9
DDRSS Data
IO
C3
DDR_DQ10
DDRSS Data
IO
D3
DDR_DQ11
DDRSS Data
IO
B3
DDR_DQ12
DDRSS Data
IO
D4
DDR_DQ13
DDRSS Data
IO
C4
DDR_DQ14
DDRSS Data
IO
B4
DDR_DQ15
DDRSS Data
IO
B5
DDR_DQ16
DDRSS Data
IO
E13
DDR_DQ17
DDRSS Data
IO
C14
DDR_DQ18
DDRSS Data
IO
B14
DDR_DQ19
DDRSS Data
IO
A14
DDR_DQ20
DDRSS Data
IO
E14
DDR_DQ21
DDRSS Data
IO
B13
DDR_DQ22
DDRSS Data
IO
C13
DDR_DQ23
DDRSS Data
IO
D13
DDR_DQ24
DDRSS Data
IO
D15
DDR_DQ25
DDRSS Data
IO
C15
DDR_DQ26
DDRSS Data
IO
E16
DDR_DQ27
DDRSS Data
IO
E15
DDR_DQ28
DDRSS Data
IO
D16
DDR_DQ29
DDRSS Data
IO
B16
DDR_DQ30
DDRSS Data
IO
C16
DDR_DQ31
DDRSS Data
IO
A17
DDR_DQS0N
DDRSS Complimentary Data Strobe
IO
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More