| Moteur de recherche de fiches techniques de composants électroniques |
|
AM6527 Fiches technique(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6527 Fiches technique(HTML) 12 Page - Texas Instruments |
|
12 / 299 page ![]() Copyright © 2017–2018, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 12 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 www.ti.com Table 4-1. Pin Attributes (continued) BALL NUMBER [1] BALL NAME [2] SIGNAL NAME [3] MUXMODE [4] TYPE [5] BALL RESET STATE [6] BALL RESET REL. MUXMODE [7] I/O VOLTAGE VALUE [8] POWER [9] HYS [10] BUFFER TYPE [11] PULL UP/DOWN TYPE [12] DSIS [13] RXACTIVE/ TXDISABL E [14] F8 DDR_AC6 DDR_AC6 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD C7 DDR_AC7 DDR_AC7 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD C8 DDR_AC8 DDR_AC8 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD D7 DDR_AC9 DDR_AC9 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD E7 DDR_AC10 DDR_AC10 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD A6 DDR_AC11 DDR_AC11 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD F7 DDR_AC12 DDR_AC12 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD D6 DDR_AC13 DDR_AC13 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD C6 DDR_AC14 DDR_AC14 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD F6 DDR_AC15 DDR_AC15 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD E6 DDR_AC16 DDR_AC16 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD E5 DDR_AC17 DDR_AC17 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD D8 DDR_AC18 DDR_AC18 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD D10 DDR_AC19 DDR_AC19 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD E10 DDR_AC20 DDR_AC20 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD C10 DDR_AC21 DDR_AC21 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD F11 DDR_AC22 DDR_AC22 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD B10 DDR_AC23 DDR_AC23 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD D11 DDR_AC24 DDR_AC24 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD B11 DDR_AC25 DDR_AC25 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD C11 DDR_AC26 DDR_AC26 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD E11 DDR_AC27 DDR_AC27 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD E12 DDR_AC28 DDR_AC28 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD |