| Moteur de recherche de fiches techniques de composants électroniques |
|
AM6527 Fiches technique(PDF) 64 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6527 Fiches technique(HTML) 64 Page - Texas Instruments |
|
64 / 299 page ![]() 64 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated Table 4-16. EHRPWM3 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] EHRPWM3_SYNCI Sync Input to EHRPWM module from an external pin I AD17 EHRPWM3_SYNCO Sync Output to EHRPWM module to an external pin O AH14 Table 4-17. EHRPWM4 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] EHRPWM4_A EHRPWM Output A IO AG15 EHRPWM4_B EHRPWM Output B IO AC17 Table 4-18. EHRPWM5 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] EHRPWM5_A EHRPWM Output A IO AD15 EHRPWM5_B EHRPWM Output B IO AF14 4.3.8 DDRSS 4.3.8.1 MAIN Domain Table 4-19. DDRSS0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] DDR_AC0 DDRSS Address and Command Bus IO A10 DDR_AC1 DDRSS Address and Command Bus IO D9 DDR_AC2 DDRSS Address and Command Bus IO C9 DDR_AC3 DDRSS Address and Command Bus IO E9 DDR_AC4 DDRSS Address and Command Bus IO A9 DDR_AC5 DDRSS Address and Command Bus IO E8 DDR_AC6 DDRSS Address and Command Bus IO F8 DDR_AC7 DDRSS Address and Command Bus IO C7 DDR_AC8 DDRSS Address and Command Bus IO C8 DDR_AC9 DDRSS Address and Command Bus IO D7 DDR_AC10 DDRSS Address and Command Bus IO E7 DDR_AC11 DDRSS Address and Command Bus IO A6 DDR_AC12 DDRSS Address and Command Bus IO F7 DDR_AC13 DDRSS Address and Command Bus IO D6 DDR_AC14 DDRSS Address and Command Bus IO C6 DDR_AC15 DDRSS Address and Command Bus IO F6 DDR_AC16 DDRSS Address and Command Bus IO E6 DDR_AC17 DDRSS Address and Command Bus IO E5 DDR_AC18 DDRSS Address and Command Bus IO D8 DDR_AC19 DDRSS Address and Command Bus IO D10 DDR_AC20 DDRSS Address and Command Bus IO E10 DDR_AC21 DDRSS Address and Command Bus IO C10 DDR_AC22 DDRSS Address and Command Bus IO F11 DDR_AC23 DDRSS Address and Command Bus IO B10 DDR_AC24 DDRSS Address and Command Bus IO D11 |