Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6546 Fiches technique(PDF) 68 Page - Texas Instruments

No de pièce AM6546
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM6546 Fiches technique(HTML) 68 Page - Texas Instruments

Back Button AM6546 Datasheet HTML 64Page - Texas Instruments AM6546 Datasheet HTML 65Page - Texas Instruments AM6546 Datasheet HTML 66Page - Texas Instruments AM6546 Datasheet HTML 67Page - Texas Instruments AM6546 Datasheet HTML 68Page - Texas Instruments AM6546 Datasheet HTML 69Page - Texas Instruments AM6546 Datasheet HTML 70Page - Texas Instruments AM6546 Datasheet HTML 71Page - Texas Instruments AM6546 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 299 page
background image
68
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Terminal Configuration and Functions
Copyright © 2017–2018, Texas Instruments Incorporated
Table 4-20. DDRSS Signal Mapping (continued)
SIGNAL NAME [1]
MEMORY TYPE
PIN TYPE
[3]
BALL [4]
DDR3L
DDR4
LPDDR4(1)
DDR_DM2
DM2
DM2_n
DMI2
IO
D14
DDR_DQ24
DQ24
DQ24
DQ24
IO
D15
DDR_DQ25
DQ25
DQ25
DQ25
IO
C15
DDR_DQ26
DQ26
DQ26
DQ26
IO
E16
DDR_DQ27
DQ27
DQ27
DQ27
IO
E15
DDR_DQ28
DQ28
DQ28
DQ28
IO
D16
DDR_DQ29
DQ29
DQ29
DQ29
IO
B16
DDR_DQ30
DQ30
DQ30
DQ30
IO
C16
DDR_DQ31
DQ31
DQ31
DQ31
IO
A17
DDR_DM3
DM3
DM3_n
DMI3
IO
B17
DDR_ECC_D0
DQ32
DQ32
DQ32
IO
B19
DDR_ECC_D1
DQ33
DQ33
DQ33
IO
B18
DDR_ECC_D2
DQ34
DQ34
DQ34
IO
C18
DDR_ECC_D3
DQ35
DQ35
DQ35
IO
D18
DDR_ECC_D4
DQ36
DQ36
DQ36
IO
E18
DDR_ECC_D5
DQ37
DQ37
DQ37
IO
E17
DDR_ECC_D6
DQ38
DQ38
DQ38
IO
D17
DDR_ECC_DM
DM4
DM4_n
DM4
IO
C17
DDR_DQS0P
DQS0
DQS0_t
DQS0
IO
D1
DDR_DQS0N
DQS0_n
DQS0_c
DQS0_n
IO
C1
DDR_DQS1P
DQS1
DQS1_t
DQS1
IO
A5
DDR_DQS1N
DQS1_n
DQS1_c
DQS1_n
IO
A4
DDR_DQS2P
DQS2
DQS2_t
DQS2
IO
A13
DDR_DQS2N
DQS2_n
DQS2_c
DQS2_n
IO
A12
DDR_DQS3P
DQS3
DQS3_t
DQS3
IO
A15
DDR_DQS3N
DQS3_n
DQS3_c
DQS3_n
IO
A16
DDR_ECC_DQSP
DQS4
DQS4_t
DQS4
IO
A19
DDR_ECC_DQSN
DQS4_n
DQS4_c
DQS4_n
IO
A18
DDR_FS_RESETn
FS_RESET_n
FS_RESET_n
FS_RESET_n
IO
F16
DDR_RESETn
RESET_n
RESET_n
RESET_n
IO
A11
DDR_VREF0
VREF0
VREF0
VREF0
A
F12
DDR_VREF_ZQ
VREF_ZQ
VREF_ZQ
VREF_ZQ
A
F15
DDR_VTP
VTP
VTP
VTP
A
F13
(1) This device cannot support two independent channels.
4.3.9
EQEP
4.3.9.1
MAIN Domain
Table 4-21. EQEP0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
EQEP0_A
EQEP Quadrature Input A
I
AB26
EQEP0_B
EQEP Quadrature Input B
I
AA25
EQEP0_I
EQEP Index
IO
AA28
EQEP0_S
EQEP Strobe
IO
U23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More