Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6546 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce AM6546
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM6546 Fiches technique(HTML) 3 Page - Texas Instruments

  AM6546 Datasheet HTML 1Page - Texas Instruments AM6546 Datasheet HTML 2Page - Texas Instruments AM6546 Datasheet HTML 3Page - Texas Instruments AM6546 Datasheet HTML 4Page - Texas Instruments AM6546 Datasheet HTML 5Page - Texas Instruments AM6546 Datasheet HTML 6Page - Texas Instruments AM6546 Datasheet HTML 7Page - Texas Instruments AM6546 Datasheet HTML 8Page - Texas Instruments AM6546 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 299 page
background image
3
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Device Overview
Copyright © 2017–2018, Texas Instruments Incorporated
• Simplified Power Sequence with Full Support for
Dual Voltage I/O
• Integrated LDOs Reduces Power Solution
Complexity
• Integrated SDIO LDO for Handling Automatic
Voltage Transition for SD Interface
• Integrated POR (Power on Reset) Generation
Reducing Power Solution Complexity
• Integrated Voltage Supervisor for Safety
Monitoring
• Integrated Power Supply Glitch Detector for
Detecting Fast Power Supply Transients
Analog/System Integration:
• Integrated USB VBUS Detection
• Fail Safe I/O for DDR RESET
• All I/O Pins Drivers Disabled During Reset to Avoid
Bus Conflicts
• Default I/O Pulls Disabled During Reset to Avoid
System Conflicts
• Support Dynamic I/O Pinmux Configuration
Change
System on Chip (SoC) Architecture:
• Supports Primary Boot from UART, I2C, MCSPI,
HyperBus, Parallel NOR Flash, SD or eMMC,
USB, PCIe, and Ethernet Interfaces
• 28-nm CMOS Technology
• 23 mm × 23 mm, 0.8-mm Pitch, 784-Pin S-PBGA
(ACD)
1.2
Applications
Industrial Programmable Controllers (PLC)
Factory Automation with Safety Functions
Multi-Protocol Fieldbus Communications
Industrial PC
Industrial Robots
Human Machine Interface (HMI)
Grid Infrastructure Protection Relays
Robotic Motor Drives



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More