Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBM29PL64LM Fiches technique(PDF) 64 Page - SPANSION

No de pièce MBM29PL64LM
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM Fiches technique(HTML) 64 Page - SPANSION

Back Button MBM29PL64LM Datasheet HTML 60Page - SPANSION MBM29PL64LM Datasheet HTML 61Page - SPANSION MBM29PL64LM Datasheet HTML 62Page - SPANSION MBM29PL64LM Datasheet HTML 63Page - SPANSION MBM29PL64LM Datasheet HTML 64Page - SPANSION MBM29PL64LM Datasheet HTML 65Page - SPANSION MBM29PL64LM Datasheet HTML 66Page - SPANSION MBM29PL64LM Datasheet HTML 67Page - SPANSION MBM29PL64LM Datasheet HTML 68Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
MBM29PL64LM90/10
63
FAST MODE ALGORITHM
Start
555h/AAh
2AAh/55h
XXXh/A0h
555h/20h
Verify Data?
No
Program Address/Program Data
Data Polling
Last Address
?
Programming Completed
XXXh/90h
XXXh/F0h
Increment Address
No
Yes
Yes
Set Fast Mode
In Fast Program
Reset Fast Mode
Notes :
• The sequence is applied for Word ( ×16 ) mode.
• The addresses differ from Byte ( × 8 ) mode.
Embedded ProgramTM Algorithm for Fast Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69