Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBM29PL64LM Fiches technique(PDF) 46 Page - SPANSION

No de pièce MBM29PL64LM
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM Fiches technique(HTML) 46 Page - SPANSION

Back Button MBM29PL64LM Datasheet HTML 42Page - SPANSION MBM29PL64LM Datasheet HTML 43Page - SPANSION MBM29PL64LM Datasheet HTML 44Page - SPANSION MBM29PL64LM Datasheet HTML 45Page - SPANSION MBM29PL64LM Datasheet HTML 46Page - SPANSION MBM29PL64LM Datasheet HTML 47Page - SPANSION MBM29PL64LM Datasheet HTML 48Page - SPANSION MBM29PL64LM Datasheet HTML 49Page - SPANSION MBM29PL64LM Datasheet HTML 50Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
MBM29PL64LM90/10
45
tCP
tDS
tWHWH1
tWC
tAH
WE
OE
Address
Data
tAS
tCPH
tDH
DQ 7
A0h
D OUT
CE
555h
PA
PA
Data Polling
3rd Bus Cycle
tWS
tWH
tGHEL
PD
Notes :
• PA is address of the memory location to be programmed.
• PD is data to be programmed at word address.
• DQ7 is the output of the complement of the data written to the device.
• DOUT is the output of the data written to the device.
• Figure indicates the last two bus cycles out of four bus cycle sequence.
Alternate CE Controlled Program Operation Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69