| Moteur de recherche de fiches techniques de composants électroniques |
|
V680-HS52-R-12.5M Fiches technique(PDF) 47 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS52-R-12.5M Fiches technique(HTML) 47 Page - Omron Electronics LLC |
|
47 / 59 page ![]() 47 V680 Series TAT When Using an ID Controller (Reference Values) TAT (Turn Around Time) TAT refers to the total time required from the point at which a host device (such as a personal computer) starts sending a command until a response is received. Command send time: This is the time required for sending a command from the host device to the Controller. It varies depending on the communications speed and format. RF Tag communication time: This is the time required for communication between the Antenna and the RF Tag. Response receipt time: This is the time required for returning a response from the Controller to the host device. It varies depending on the communications speed and format. • For an ordinary command • Expansion Read Command • Expansion Write Command TAT = Command send time + RF Tag communication time + response RDA1 CR RD001234 CR TAT RF Tag communication time (Command) Response XRA1 CR CR CR CR CR ID Controller Host TAT (Command) Command send time Communications time with Tag Frame 1 (Response 1) Frame 2 (Response 2) Frame n-1 (Response n-1) Frame n (Response n) (Delimiter) (Delimiter) (Delimiter) (Delimiter) Response reception time XWA1 CR CR CR CR CR CR XW00 CR ID Controller TAT (Command) (Response 1) (Response 2) (Response n-1) Host Command send time Communications time with Tag (Response n) Response reception time |