Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V680-HS52-R-12.5M Fiches technique(PDF) 3 Page - Omron Electronics LLC

No de pièce V680-HS52-R-12.5M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS52-R-12.5M Fiches technique(HTML) 3 Page - Omron Electronics LLC

  V680-HS52-R-12.5M Datasheet HTML 1Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 2Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 3Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 4Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 5Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 6Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 7Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 8Page - Omron Electronics LLC V680-HS52-R-12.5M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
3
V680 Series
Combinations of Amplifier Units, Antennas, and RF Tags
1-kbyte RF Tags
2-kbyte RF Tags
8-kbyte RF Tags
Note: For details, refer to the relevant user’s manual (Z248, Z249, Z262, Z271, Z272, Z278, Z279, and Z339).
* When using the V680-D1KP52MT or V680-D2KF52M embedded in metal, use the V680-HS51/-HS52 Antenna.
Communications will not be possible if the V680-HS63 Antenna is used.
Communications will not be possible if the V680-HS65 Antenna is used with the V680-D1KP52MT, V680-D1KP53M, or V680-D2KF52M.
Communication is also possible with RF Tags other than those of the V680 Series as long as they comply with ISO/IEC 18000-3 (ISO/IEC 15693).
However, communication with RF Tags other than those of the V680 Series cannot be assured. The user must confirm communication capabilities
carefully prior to use.
Amplifier Unit
Antenna
EEP-ROM
1-kbyte
V680-
D1KP52MT
V680-
D1KP53M
V680-
D1KP54T
V680-
D1KP66T
V680-
D1KP66MT
V680-
D1KP66T-
SP
V680-
D1KP58HTN
V680-
D1KP52M-
BT
@1
V680-HA63A
V680-HAM42-DRT
V680-HAM
@1
V680-HS51
Yes
Yes
Yes
V680-HS52-
@
Yes
Yes
Yes
Yes
Yes
Yes
Yes
V680-HS63-
@
Yes
*
Yes
Yes
Yes
Yes
V680-HS65-
@
Yes
Yes
Yes
Yes
Yes
V680-HAM42-PRT
V680-HS63-W
Yes
*
Yes
Yes
Yes
V680-HS65-W
Yes
Yes
Yes
V680-H01-V2 (Antenna with Built-in Amplifier)
Yes
Yes
V680-CH
@D (Handheld Reader Writer)
Yes
Yes
Yes
Yes
Yes
Yes
Amplifier Unit
Antenna
FRAM
2-kbyte
V680-
D2KF52M
V680-
D2KF52M-
BT
@1
V680S-
D2KF67
V680S-
D2KF67M
V680S-
D2KF68
V680S-
D2KF68M
V680-HA63B
V680-HAM42-DRT
V680-HAM
@1
V680-HS51
Yes
Yes
V680-HS52-
@
Yes
Yes
Yes
Yes
V680-HS63-
@
Yes
*
Yes
Yes
Yes
Yes
V680-HS65-
@
Yes
Yes
Yes
Yes
V680-HAM42-PRT
V680-HS63-W
Yes
Yes
Yes
Yes
V680-HS65-W
Yes
Yes
Yes
Yes
V680-H01-V2 (Antenna with Built-in Amplifier)
Yes
Yes
V680-CH
@D (Handheld Reader Writer)
Yes
Yes
Yes
Yes
Yes
Amplifier Unit
Antenna
FRAM
8-kbyte
V680S-
D8KF67
V680S-
D8KF67M
V680S-
D8KF68
V680S-
D8KF68M
V680-HA63B
V680-HAM42-DRT
V680-HAM
@1
V680-HS51
V680-HS52-
@
Yes
Yes
V680-HS63-
@
Yes
Yes
Yes
Yes
V680-HS65-
@
Yes
Yes
Yes
Yes
V680-HAM42-PRT
V680-HS63-W
Yes
Yes
Yes
Yes
V680-HS65-W
Yes
Yes
Yes
Yes
V680-H01-V2 (Antenna with Built-in Amplifier)
Yes
Yes
V680-CH
@D (Handheld Reader Writer)
Yes
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59