Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V600-H11-R Fiches technique(PDF) 31 Page - Omron Electronics LLC

No de pièce V600-H11-R
Description  Non-contact Data Communications System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-H11-R Fiches technique(HTML) 31 Page - Omron Electronics LLC

Back Button V600-H11-R Datasheet HTML 26Page - Omron Electronics LLC V600-H11-R Datasheet HTML 27Page - Omron Electronics LLC V600-H11-R Datasheet HTML 28Page - Omron Electronics LLC V600-H11-R Datasheet HTML 29Page - Omron Electronics LLC V600-H11-R Datasheet HTML 30Page - Omron Electronics LLC V600-H11-R Datasheet HTML 31Page - Omron Electronics LLC V600-H11-R Datasheet HTML 32Page - Omron Electronics LLC V600-H11-R Datasheet HTML 33Page - Omron Electronics LLC V600-H11-R Datasheet HTML 34Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Electromagnetic Coupling RFID System
V600
31
V600-HA51 (Amplifier Section)
ID Controllers
22.6
36.5
23.5
8
6.1
Vinyl-insulated round cord
6-mm dia (7/0.18-mm dia.),
8-conductor cable
Connector
14.7 dia.
35.6
13.2
Two, 4.5-dia. mounting holes
51.3±0.2
4
13.7 dia.
22
51.7
61.8
5.9
5
12.8 dia.
(10,000)
43
Power indicator (green)
Connector
Operating indicator (orange)
Case: ABS resin
Filler: Epoxy resin
Cable: PVC (oil-resistant)
5.5
53
81
92
115
80
50
17.5
18
68
76
78
92
102
21.5
9
6
5
57.4
86.3
95
107
16.5
V600-CA5D02 (Compact)
V600-CD1D-V3 (Compact)
Two, 4.5-dia.
Four, 3.5-dia.
R/W Head connector
V600-CM1D (Board-mounted)
90
80
105
95
5
5
7.5
80
65
18
17.5
Two, 4.5-dia.
mounting holes
Q124-E1-03.fm Page 31 Tuesday, May 30, 2006 5:22 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34