Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V600-H11-R Fiches technique(PDF) 29 Page - Omron Electronics LLC

No de pièce V600-H11-R
Description  Non-contact Data Communications System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-H11-R Fiches technique(HTML) 29 Page - Omron Electronics LLC

Back Button V600-H11-R Datasheet HTML 25Page - Omron Electronics LLC V600-H11-R Datasheet HTML 26Page - Omron Electronics LLC V600-H11-R Datasheet HTML 27Page - Omron Electronics LLC V600-H11-R Datasheet HTML 28Page - Omron Electronics LLC V600-H11-R Datasheet HTML 29Page - Omron Electronics LLC V600-H11-R Datasheet HTML 30Page - Omron Electronics LLC V600-H11-R Datasheet HTML 31Page - Omron Electronics LLC V600-H11-R Datasheet HTML 32Page - Omron Electronics LLC V600-H11-R Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Electromagnetic Coupling RFID System
V600
29
Data Carriers with Small Memory Capacity
Battery-less DCs
V600-D23P66N
V600-D23P66SP
V600-D23P71
V600-D23P72
5 0
– 0.1
6 0
– 0.2
5 0
– 0.1
24
2.2
6
36
30±0.1
24
R0.2
8 0
– 0.1
dia.
2-R1.0
R0.3
12 0
– 0.2
dia.
R0.2
8 0
– 0.1
dia.
Two, 3.5-dia. mounting holes
V600-D23P53
V600-D23P54
V600-D23P55
V600-D23P61
Case: ABS resin
Filler: Epoxy resin
Case: ABS resin
Filler: Epoxy resin
Case: PPS resin
Filler: Epoxy resin
Case: ABS resin
Filler: Epoxy resin
4-R4
32
34
25±0.2
4-R3
32
34
25±0.2
Two, 6-dia.
3.5±0.1
Two, 3.5-dia.
25±0.2
25±0.2
2-M3
Case: PPS resin
Mounting Hole Dimensions
2-M5
4-R6
6.5
2.5 max.
34
36.5
34
80±0.2
95
1.3
80±0.2
Mounting Hole Dimensions
Coating: PFA resin
Two, 5.5-dia.
mounting holes
54
1.5
86
4-R2
Case: Glass epoxy resin
Coating: Polyurethane resin
50
4-R2
34
1.5
Case: Glass epoxy resin
Coating: Polyurethane resin
Q124-E1-03.fm Page 29 Tuesday, May 30, 2006 5:22 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34