Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AH1902 Fiches technique(PDF) 8 Page - Diodes Incorporated

No de pièce AH1902
Description  HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1902 Fiches technique(HTML) 8 Page - Diodes Incorporated

Back Button AH1902 Datasheet HTML 3Page - Diodes Incorporated AH1902 Datasheet HTML 4Page - Diodes Incorporated AH1902 Datasheet HTML 5Page - Diodes Incorporated AH1902 Datasheet HTML 6Page - Diodes Incorporated AH1902 Datasheet HTML 7Page - Diodes Incorporated AH1902 Datasheet HTML 8Page - Diodes Incorporated AH1902 Datasheet HTML 9Page - Diodes Incorporated AH1902 Datasheet HTML 10Page - Diodes Incorporated AH1902 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AH1902
Document number: DS36533 Rev. 4 - 2
8 of 11
www.diodes.com
April 2016
© Diodes Incorporated
AH1902
Package Outline Dimensions (continued) (All dimensions in mm.)
Please see http://www.diodes.com/package-outlines.html for the latest version.
(2)
Package Type: X2-DFN2015-6
Bottom View
Sensor Location
Min/Max
0.97/1.04
Hall Sensor
Die
Pin# 1
Top View
PART
MARKING
SURFACE
X2-DFN2015-6
Dim
Min
Max
Typ
A
0.375
 0.40 0.390
A1
0
0.05
0.02
A3
-
-
0.13
b
0.20
0.30
0.25
D
1.45 1.575 1.50
D2
1.00
1.20
1.10
e
-
-
0.50
E
1.95 2.075 2.00
E2
0.70
0.90
0.80
L
0.25
0.35
0.30
Z
-
-
0.125
Z1
-
-
0.075
All Dimensions in mm
A
A1
A3
Seating Plane
E
D2
E2
b
(Pin #1 ID)
e
L
D
z
R0.20
0
z1



Html Pages

1 2 3 4 5 6 7 8 9 10 11