Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AH1902 Fiches technique(PDF) 7 Page - Diodes Incorporated

No de pièce AH1902
Description  HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1902 Fiches technique(HTML) 7 Page - Diodes Incorporated

Back Button AH1902 Datasheet HTML 3Page - Diodes Incorporated AH1902 Datasheet HTML 4Page - Diodes Incorporated AH1902 Datasheet HTML 5Page - Diodes Incorporated AH1902 Datasheet HTML 6Page - Diodes Incorporated AH1902 Datasheet HTML 7Page - Diodes Incorporated AH1902 Datasheet HTML 8Page - Diodes Incorporated AH1902 Datasheet HTML 9Page - Diodes Incorporated AH1902 Datasheet HTML 10Page - Diodes Incorporated AH1902 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AH1902
Document number: DS36533 Rev. 4 - 2
7 of 11
www.diodes.com
April 2016
© Diodes Incorporated
AH1902
Package Outline Dimensions (All dimensions in mm.)
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
Package Type: X1-DFN1216-4
Bottom View
Die
Min/Max
PART
MARKING
SURFACE
Hall Sensor
0.77/0.83
Pin# 1
Top View
Sensor Location
X1-DFN1216-4
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0.00
0.05
0.02
A3
--
--
0.13
b
0.15
0.25
0.20
D
1.15
1.25
1.20
D2
0.75
0.95
0.85
E
1.55
1.65
1.60
E2
0.55
0.75
0.65
e
-
-
0.65
L
0.20
0.30
0.25
Z
-
-
0.175
All Dimensions in mm
Z
A1
C'0.2x45°
D
D2
E
e
b
L
E2
A
A3
(Pin #1 ID)
Seating Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11