Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF41513 Fiches technique(PDF) 21 Page - Analog Devices

No de pièce ADF41513
Description  Integer N/Fractional-N, PLL Synthesizer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Fiches technique(HTML) 21 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 17Page - Analog Devices ADF41513 Datasheet HTML 18Page - Analog Devices ADF41513 Datasheet HTML 19Page - Analog Devices ADF41513 Datasheet HTML 20Page - Analog Devices ADF41513 Datasheet HTML 21Page - Analog Devices ADF41513 Datasheet HTML 22Page - Analog Devices ADF41513 Datasheet HTML 23Page - Analog Devices ADF41513 Datasheet HTML 24Page - Analog Devices ADF41513 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Preliminary Technical Data
ADF41513
Rev. PrL | Page 21 of 33
REGISTER 4 (R4) MAP
MOD2
Register 4, Bits[27:4] set the MOD2 value. See the N Divider
and R Counter section for more information. When using a
fixed modulus, MOD2 is ignored.
MOD2 REGISTER (R4)
NOTES
1. DBB = DOUBLE-BUFFERED BITS.
DBB
CONTROL
BITS
24-BIT MOD2 VALUE (MOD2)
0
0
0
M1
M2
M3
M4
M5
M6
M8
M7
M9
M10
M11
M12
M13
M14
M15
M16
M17
M18
M19
M20
M21
M22
M23
M24
0
M24
M23
...
M2
M1
MOD2 WORD
0
0
...
0
0
0
0
0
...
0
1
1
0
0
...
1
0
2
0
0
...
1
1
3
.
.
...
.
.
.
.
.
...
.
.
.
.
.
...
.
.
.
1
1
...
0
0
16,777,212
1
1
...
0
1
16,777,213
1
1
...
1
0
16,777,214
1
1
...
1
1
16,777,215
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6 DB5
DB4
DB3 DB2
DB1 DB0
C3(0)
C4(0)
C2(0) C1(1)
Figure 25. Register 4 (R4) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33