| Moteur de recherche de fiches techniques de composants électroniques |
|
ADF41513 Fiches technique(PDF) 18 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF41513 Fiches technique(HTML) 18 Page - Analog Devices |
|
18 / 33 page ![]() ADF41513 Preliminary Technical Data Rev. PrL | Page 18 of 33 REGISTER 1 (R1) MAP DITHER2 Set Register 1, Bit 31 = 1 to enable the Σ-Δ modulator dither. Enabling DITHER2 can reduce fractional spurs. FRAC1 Register 1, Bits[28:4] set the FRAC1 value. See the N Divider and R Counter section for more information. When using a fixed modulus, Bits [28:4] are the FRAC value. FRAC1 REGISTER (R1) DBB DB31 CONTROL BITS 25-BIT FRAC1 VALUE (FRAC1) DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 0 D1 F1 F2 F3 F4 F5 F6 F8 F7 F9 F10 F11 F12 F13 F14 F15 F16 F17 F18 F19 F20 F21 F22 F23 F24 F25 C3(0) C4(0) C2(0) C1(1) NOTES 1. DBB = DOUBLE-BUFFERED BITS. F25 F24 ... F2 F1 FRAC1 WORD 0 0 ... 0 0 0 0 0 ... 0 1 1 0 0 ... 1 0 2 0 0 ... 1 1 3 . . ... . . . . . ... . . . . . ... . . . 1 1 ... 0 0 33,554,428 1 1 ... 0 1 33,554,429 1 1 ... 1 0 33,554,430 1 1 ... 1 1 33,554,431 D1 DITHER2 0 OFF 1 ON Figure 22. Register 1 (R1) Map |