Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXBOD2 Fiches technique(PDF) 4 Page - IXYS Corporation

No de pièce IXBOD2
Description  Breakover Diode Gen
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBOD2 Fiches technique(HTML) 4 Page - IXYS Corporation

  IXBOD2 Datasheet HTML 1Page - IXYS Corporation IXBOD2 Datasheet HTML 2Page - IXYS Corporation IXBOD2 Datasheet HTML 3Page - IXYS Corporation IXBOD2 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2013 IXYS All rights reserved
4 - 4
20130822a
IXBOD2
IXYS reserves the right to change limits, test conditions and dimensions.
Data according ot IEC 60747 and per semiconductor unless otherwise specified
OutlinesFP-case
10
0.8
0.5
4
1
7.5
1.2
A
K
Dimensionsinmm
(1mm=0.0394“)



Html Pages

1 2 3 4