| Moteur de recherche de fiches techniques de composants électroniques |
|
IXBOD2 Fiches technique(PDF) 3 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXBOD2 Fiches technique(HTML) 3 Page - IXYS Corporation |
|
3 / 4 page ![]() © 2013 IXYS All rights reserved 3 - 4 20130822a IXBOD2 IXYS reserves the right to change limits, test conditions and dimensions. Data according ot IEC 60747 and per semiconductor unless otherwise specified PackageFP-Case Ratings Symbol Definitions Conditions min. typ. max. T amb T stg T VJM ambient temperature (cooling medium) storage temperature maximum virtual junction temperature -40 -40 -40 150 150 150 °C °C °C Weight 0.9 g Date Code Part No. Logo Product Marking yywwA Assembly line K A Ordering PartName MarkingonProduct DeliveringMode BaseQty OrderingCode Standard IXBOD2-04 IXBOD2-04 Box 100 511174 Standard IXBOD2-05 IXBOD2-05 Box 100 tbd Standard IXBOD2-06 IXBOD2-06 Box 100 tbd Standard IXBOD2-07 IXBOD2-07 Box 100 508425 Standard IXBOD2-08 IXBOD2-08 Box 100 507602 Standard IXBOD2-09 IXBOD2-09 Box 100 511668 Standard IXBOD2-10 IXBOD2-10 Box 100 508078 Standard IXBOD2-11 IXBOD2-11 Box 100 511860 Standard IXBOD2-12 IXBOD2-12 Box 100 511675 Standard IXBOD2-13 IXBOD2-13 Box 100 511682 Standard IXBOD2-14 IXBOD2-14 Box 100 509782 |