| Moteur de recherche de fiches techniques de composants électroniques |
|
SSC2005SC Fiches technique(PDF) 16 Page - Sanken electric |
|
|
|||||||||||||||||||||||||||||
SSC2005SC Fiches technique(HTML) 16 Page - Sanken electric |
|
16 / 19 page ![]() SSC2005SC SSC2005SC-DS Rev.1.1 SANKEN ELECTRIC CO.,LTD. 16 Feb. 06, 2015 VAC C1 BR1 L1 C2 RVS2 VOUT VCC OUT COMP FB RDLY GND CS 8 7 6 5 SSC2005SC U1 1 2 4 3 RT CS CP RS Cf External Power Supply RRT RDLY C3 C4 C5 C6 Q1 D1 DBYP D2 DZCS R2 R1 R3 RCS R4 LINE GND RVS1 A (1) Main trace should be wide trace and small loop (3) Connected by dedicated pattern from root of RCS (3)RCS Should be as close to Source pin as possible. (2) Control GND trace should be connected at a single point as close to the RCS as possible (4)The components connected to the IC should be as close to the IC as possible, and should be connected as short as possible TC_SSC2005SC_3_R2 Figure 9-4 Example of connection of peripheral component RCS RS RVS1 R4 DZCS C5 Q1 C2 U1 1 2 3 4 SSC2005SC 8 7 6 5 External power supply VOUT Q1 gate drive C1 Main trace Control GND trace Close to C2 and source of Q1 Close to C1 TC_SSC2005SC_4_R2 Figure 9-5 Example of connection of peripheral component |