| Moteur de recherche de fiches techniques de composants électroniques |
|
SSC2005SC Fiches technique(PDF) 7 Page - Sanken electric |
|
|
|||||||||||||||||||||||||||||
SSC2005SC Fiches technique(HTML) 7 Page - Sanken electric |
|
7 / 19 page ![]() SSC2005SC SSC2005SC-DS Rev.1.1 SANKEN ELECTRIC CO.,LTD. 7 Feb. 06, 2015 6. Package Outline SOIC8 NOTES: 1) All liner dimensions are in millimeters 2) Pb-free. Device composition compliant with the RoHS directive. 7. Marking Diagram 1 8 Part Number S C 2 0 0 5 S K Y M D C Sanken Control Number Lot Number Y is the last digit of the year (0 to 9) M is the month (1 to 9,O,N or D) D is a period of days 1 : 1 st to 10th 2 : 11 th to 20th 3 : 21 st to 31st 1.6 (0.063) 1.27 (0.0500) 0.61 (0.024) 3.8 (0.15) Land Pattern Example (not to scale) |