Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0128 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce UM0128
Description  UM0128
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0128 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button UM0128 Datasheet HTML 9Page - STMicroelectronics UM0128 Datasheet HTML 10Page - STMicroelectronics UM0128 Datasheet HTML 11Page - STMicroelectronics UM0128 Datasheet HTML 12Page - STMicroelectronics UM0128 Datasheet HTML 13Page - STMicroelectronics UM0128 Datasheet HTML 14Page - STMicroelectronics UM0128 Datasheet HTML 15Page - STMicroelectronics UM0128 Datasheet HTML 16Page - STMicroelectronics UM0128 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
UM0128 - USER MANUAL
13/21
2
Calibration:
VOTP selector is used to set if Votp is internal or external.
Refer to STPM01 user manual for more details.
Figure 7 : Calibration
Table 3 : Calibration
Function
Panel
Use Temperature to set BandGap temperature compensation.
Table 2 : Setting
Function
Panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21