| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0128 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0128 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 21 page ![]() UM0128 - USER MANUAL 9/21 5 - PARAMETERS The Parameters window allows the user to change some common constants used by the GUI application. Those constants are hardware dependant: 1 Resistor divider (R1 and R2) at voltage input of STPM01 must be set according to the hardware specifications; 2 Current gain (Ai) will change according to the PST bits setting while voltage channel gain (Au) is fixed and cannot be changed; 3 Current sensor sensitivity (Ks/mV/A) must be set according to the particular characteristics of the current sensor used; 4 Value of calibrators (Kup, Kip, Kis). This value changes according to the calibrators value for voltage and current channel; 5 Internal reference voltage, to be set according to the datasheet. Change those constants accordingly, to reflect real state on the STPM01 evaluation board. Figure 5 : Parameters |