Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLIN-06F2AX Fiches technique(PDF) 13 Page - Bel Fuse Inc.

No de pièce SLIN-06F2AX
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEL [Bel Fuse Inc.]
Site Internet  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-06F2AX Fiches technique(HTML) 13 Page - Bel Fuse Inc.

Back Button SLIN-06F2AX Datasheet HTML 9Page - Bel Fuse Inc. SLIN-06F2AX Datasheet HTML 10Page - Bel Fuse Inc. SLIN-06F2AX Datasheet HTML 11Page - Bel Fuse Inc. SLIN-06F2AX Datasheet HTML 12Page - Bel Fuse Inc. SLIN-06F2AX Datasheet HTML 13Page - Bel Fuse Inc. SLIN-06F2AX Datasheet HTML 14Page - Bel Fuse Inc. SLIN-06F2AX Datasheet HTML 15Page - Bel Fuse Inc. SLIN-06F2AX Datasheet HTML 16Page - Bel Fuse Inc. SLIN-06F2AX Datasheet HTML 17Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
13
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /6 A Outputs
January 13, 2011
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Output Filtering (continued)
0
5
10
15
20
25
0.5
1
1.5
2
2.5
3
3.5
Output Voltage(Volts)
1x10uF External Cap
1x47uF External Cap
2x47uF External Cap
4x47uF External Cap
0
5
10
15
20
0.5
1
1.5
2
2.5
3
Output Voltage(Volts)
1x10uF External Cap
1x47uF External Cap
2x47uF External Cap
4x47uF External Cap
Figure A Output ripple voltage for various output
Figure B Output ripple voltage for various output voltage
voltage at Vin=5V, 6A load
at Vin=3.3V, 6A load
Safety Considerations
For safety agency approval the power module must be installed in compliance with the spacing and separation
requirements of the end-use safety agency standards, i.e., UL 60950-1, CSA C22.2 No. 60950-1-03, and VDE
0850:2001-12 (EN60950-1) Licensed.
For the converter output to be considered meeting the requirements of safety extra-low voltage (SELV), the
input must meet SELV requirements. The power module has extra-low voltage (ELV) outputs when all inputs
are ELV.
The input to these units is to be provided with a fast-acting fuse with a maximum rating of 6A in the positive
input lead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com