Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLIN-06F2AX Fiches technique(PDF) 21 Page - Bel Fuse Inc.

No de pièce SLIN-06F2AX
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEL [Bel Fuse Inc.]
Site Internet  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-06F2AX Fiches technique(HTML) 21 Page - Bel Fuse Inc.

Back Button SLIN-06F2AX Datasheet HTML 17Page - Bel Fuse Inc. SLIN-06F2AX Datasheet HTML 18Page - Bel Fuse Inc. SLIN-06F2AX Datasheet HTML 19Page - Bel Fuse Inc. SLIN-06F2AX Datasheet HTML 20Page - Bel Fuse Inc. SLIN-06F2AX Datasheet HTML 21Page - Bel Fuse Inc. SLIN-06F2AX Datasheet HTML 22Page - Bel Fuse Inc. SLIN-06F2AX Datasheet HTML 23Page - Bel Fuse Inc. SLIN-06F2AX Datasheet HTML 24Page - Bel Fuse Inc. SLIN-06F2AX Datasheet HTML 25Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
21
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /6 A Outputs
January 13, 2011
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Example Application Circuit
Requirements:
Vin:
3.3V
Vout:
1.8V
Iout:
4.5A max., worst case load transient is from 3A to 4.5A
ΔVout:
1.5% of Vout (27mV) for worst case load transient
Vin, ripple
1.5% of Vin (50mV, p-p)
MODULE
VOUT
SENSE
GND
TRIM
RTUNE
CTUNE
RTrim
VIN
CO1
+
CI2
CI1
Vin+
Vout+
ON/OFF
Q3
CI1
2x22
μF/6.3V ceramic capacitor
CI2
47
μF/6.3V bulk electrolytic
CO1
5 x 47
μF/6.3V ceramic capacitor (e.g. Murata GRM31CR60J476ME19)
CTune
47nF ceramic capacitor (can be 1206, 0805 or 0603 size)
RTune
33 ohms SMT resistor (can be 1206, 0805 or 0603 size)
RTrim
1k
Ω SMT resistor (can be 1206, 0805 or 0603 size, recommended tolerance of 0.1%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com